Part Number Hot Search : 
302A0 TCFBA TCLT1008 C4054 AT94K05 MC145 W541C260 NTD5806
Product Description
Full Text Search
 

To Download STP60NS04Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STP60NS04Z
N - CHANNEL CLAMPED 10m - 60A - TO-220 FULLY PROTECTED MESH OVERLAYTM MOSFET
PRELIMINARY DATA TYPE STP60NS04Z
s s s s
V DSS
R DS(on)
ID 60 A
CLAMPED <0.015
TYPICAL RDS(on) = 0.010 100% AVALANCHE TESTED LOW CAPACITANCE AND GATE CHARGE 175 oC MAXIMUM JUNCTION TEMPERATURE
3 1 2
DESCRIPTION This fully clamped Mosfet is produced by using the latest advanced Company's Mesh Overlay process which is based on a novel strip layout. The inherent benefits of the new technology coupled with the extra clamping capabilities make this product particularly suitable for the harshest operation conditions such as those encountered in the automotive environment. Any other application requiring extra ruggedness is also recommended. APPLICATIONS ABS, SOLENOID DRIVERS s MOTOR CONTROL s DC-DC CONVERTERS
s
TO-220
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DG V GS ID ID I DG I GS I DM (*) P tot Drain- gate Voltage G ate-source Voltage Drain Current (continuous) at Tc = 25 oC Drain Current (continuous) at Tc = 100 C Drain Gate Current (continuous) G ate Source Current (continuous) Drain Current (pulsed) T otal Dissipation at Tc = 25 o C Derating Factor V ESD (G-S ) G ate-Source ESD (HBM - C= 100pF , R=1.5 k) V ESD (G-D) G ate-Drain ESD (HBM - C= 100pF, R=1.5 k) V ESD ( D-S) Drain-Source ESD (HBM - C= 100pF, R=1.5 k) Ts tg Tj Storage Temperature Max. Operating Junction Temperature
o
Parameter Drain-source Voltage (VGS = 0)
Value CLAMPED CLAMPED CLAMPED 60 42 50 50 240 140 0.93 2 4 4 -65 to 175 -40 to 175
( 1) ISD 60 A, di/dt 300 A/s, VDD V(BR)DSS, Tj TJMAX
Un it V V V A A mA mA A W W /o C kV kV kV
o o
C C 1/8
(*) Pulse width limited by safe operating area
December 1999
STP60NS04Z
THERMAL DATA
R thj -case R thj -case R thj -amb R thc-sink Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-case Typ Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature F or Soldering Purpose 1.07 0.85 62.5 0.5 300
o o
C/W C/W o C/W o C/W o C
AVALANCHE CHARACTERISTICS
Symbo l IAR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max, < 1%) Single Pulse Avalanche Energy (starting Tj = 25 o C, ID = IAR , V DD = 30 V) Max Value 60 400 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbo l VCLAMP I DSS IGSS V GSS Parameter Drain-Gate Breakdown Voltage Test Con ditions I D = 1 mA V GS = 0 -40 < Tj < 175 o C T j = 175 o C T j = 175 oC o T j = 175 C 18 Min. 33 50 50 150 Typ. Max. Unit V A A A V
V DS = 16 V Zero Gate Voltage Drain Current (V GS = 0) Gate-body Leakage Current (VDS = 0) Gate-Source Breakdown Voltage V GS = 10 V V GS = 16 V I G = 100 A
ON ()
Symbo l V GS(th) R DS(on) I D(o n) Parameter Test Con ditions Min. 1.7 Typ. 3 11 10 60 Max. 4.2 15 14 Unit V m m A
Gate Threshold Voltage V DS =V GS ID = 1 mA -40 < Tj < 150 o C Static Drain-source On Resistance On State Drain Current V GS = 10V V GS = 16V ID = 30 A ID = 30 A
V DS > ID(o n) x R DS(on )ma x V GS = 10 V
DYNAMIC
Symbo l g f s () C iss C os s C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Con ditions V DS > ID(o n) x R DS(on )ma x V DS = 25 V f = 1 MHz I D =30 A V GS = 0 Min. 20 Typ. 30 2500 800 150 3400 1100 200 Max. Unit S pF pF pF
2/8
STP60NS04Z
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbo l Qg Q gs Q gd Parameter Total G ate Charge Gate-Source Charge Gate-Drain Charge Test Con ditions V DD = 16 V I D = 60 A V GS = 10 V Min. Typ. 70 20 22 Max. 100 Unit nC nC nC
SWITCHING OFF
Symbo l tr (Voff) tf tc Parameter Off-voltage Rise T ime Fall T ime Cross-over Time Test Con ditions V CLAMP = 30 V I D = 60 A R G =4.7 V GS = 10 V (see test circuit, figure 5) Min. Typ. 25 110 150 Max. 35 150 200 Unit ns ns ns
SOURCE DRAIN DIODE
Symbo l ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 60 A V GS = 0 65 0.15 4.5 I SD = 60 A di/dt = 100 A/s Tj = 150 oC V r = 25 V (see test circuit, figure 5) Test Con ditions Min. Typ. Max. 60 240 1.5 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
3/8
STP60NS04Z
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
STP60NS04Z
Normalized Gate Threshold Voltage vs Temperature Normalized On Resistance vs Temperature
Zero Gate Voltage Drain Current vs Temperature
Source-drain Diode Forward Characteristics
5/8
STP60NS04Z
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/8
STP60NS04Z
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147
E
mm TYP. MAX. 4.60 1.32 2.72 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 MIN. 0.173 0.048 0.094 4.40 1.23 2.40
inch TYP. MAX. 0.181 0.051 0.107 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 0.645 0.551 0.116 0.620 0.260 0.154 0.151
A
C
D1
L2 F1
D
G1
Dia. F2 F
L5 L7 L6
L9
L4
G
H2
P011C
7/8
STP60NS04Z
Information furnished is believed to be accurate and reliable. However, STMicroelect onics assumes no responsibil ity for the consequences r of use of such information nor for any infringement of patents or other rights of third partes which may result from its use. No license is i granted by implication or otherwise under any patent or patent rights of STMicroelectro nics. Specific ation mentioned in this publication are subjec t to change without notice. This publication supersedes and replaces all informaton previously supplied. STMicroelectronics products i are not authorized for use as critical components in life support devices or systems with express written approval of STMicroelectronics. out The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japa - Malaysia - Malta - Morocco n Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
8/8
http://www.st.com .


▲Up To Search▲   

 
Price & Availability of STP60NS04Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X